Part Number Hot Search : 
AZ23C8V2 MBZ52 PSB2115F 1N5630E3 F16267 MC1401A HV600S30 SRBL1650
Product Description
Full Text Search
 

To Download CZT32C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CZT31C NPN CZT32C PNP SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CZT31C and CZT32C types are surface mount epoxy molded complementary silicon transistors manufactured by the epitaxial base process, designed for surface mounted power amplifier applications up to 3.0 amps. MARKING: FULL PART NUMBER
SOT-223 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Collector Current Continuous Base Current Power Dissipation Power Dissipation (TC=25C) Operating and Storage Junction Temperature Thermal Resistance Thermal Resistance SYMBOL VCBO VCEO VEBO IC ICM IB PD PD TJ, Tstg JA JC 100 100 5.0 3.0 6.0 1.0 2.0 10 -65 to +150 62.5 12.5 UNITS V V V A A A W W C C/W C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN ICES ICEO IEBO BVCEO VCE(SAT) VBE(ON) hFE hFE fT VCE=100V VCE=60V VEB=5.0V IC=30mA IC=3.0A, IB=375mA VCE=4.0V, IC=3.0A VCE=4.0V, IC=1.0A VCE=4.0V, IC=3.0A VCE=10V, IC=500mA, f=1.0MHz 25 10 3.0 100
MAX 200 300 1.0 1.2 1.8 100
UNITS A A mA V V V
MHz
R4 (1-March 2010)
CZT31C NPN CZT32C PNP SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS SOT-223 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) Base 2) Collector 3) Emitter 4) Collector MARKING: FULL PART NUMBER
R4 (1-March 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CZT32C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X